PART |
Description |
Maker |
EHF-105-01-L-D-SM EHF-125-01-L-D-SM EHF-110-01-L-D |
CONN HEADER .05 10POS DUAL SMD 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 50POS DUAL SMD 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 20POS DUAL SMD 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER .05 20POS DUAL R/A
|
Samtec, Inc. SAMTEC INC
|
FM220-LN FM2100-LN FM250-LN FM260-LN FM280-LN FM23 |
CONN HEADER .05 30POS DUAL SMD Chip Schottky Barrier Diodes - Silicon epitaxial planer type CONN HEADER .05 60POS DUAL T/H
|
美丽微半导体有限公司 缇?附寰??瀵间???????
|
44068-0045 44068-0004 |
440680045 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN HEADER 10POS STR W/CLIP TIN 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. TE Connectivity, Ltd.
|
EHT-105-01-S-D-SM EHT-105-01-S-D-RA EHT-110-01-S-D |
2MM EJECTOR HEADER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 2MM 10POS R/A GOLD 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 2MM 20POS R/A GOLD 20 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 2MM 20POS T/H GOLD 42 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 42 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Samtec, Inc. SAMTEC INC
|
QMS-052-11-H-D-PC4 |
CONN HEADER 104POS DL .635MM SMD
|
SAMTEC INC
|
QMSS-104-11-H-D-A |
CONN HEADER .635MM 208POS DL SMD 208 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Samtec, Inc.
|
MLL14KESD64A MLL14KESD10A MLL14KESD100A MLL14KESD1 |
CAP 39PF 50V 10% NP0(C0G) SMD-1206 TR-7-PL SN-NIBAR CONN\MULTIPIN FTE-120 0.8MM HEADER 20 POSITION X 2 ROWS SMT SURFACE MOUNT TVS Transient Voltage Suppressor
|
MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation]
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
200321MB |
2.0mm DUAL HEADER SMD TYPE
|
SUYIN USA, INC.
|
10-10-1051 10-10-1121 10-10-1161 |
5.08mm KK PCB Conn RA VrA 5Ckt 5 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,PLUG,12 Contacts,SKT,0.2 Pitch,PC TAIL Terminal 5.08mm KK PCB Conn RA VrA 16Ckt
|
Molex, Inc. MOLEX INC
|
|